PART |
Description |
Maker |
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC113TUA DDTC123TUA DDTC113TUA2 DDTC113TUA-7-F D |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
BC847C BC847B BC846B BC847A BC848B BC846A BC848C-7 |
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDA114EK DDA114EK-7 DDA114TK DDA114TK-7 DDA114YK D |
PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTA123JCA-7-F DDTA143FCA-7-F DDTA113ZCA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDC124EU DDA124EU-7 DDA124EU DDA144EU-7 DDA144EU |
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTA123EKA-7-F DDTA114EKA-7-F DDTA143EKA-7-F |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DMMT3906 DMMT3906-7 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
|